Part Number Hot Search : 
OP184 X28C64E NJU3711D X28C64E 26MB05B LTC691 W541E200 SZB05A0A
Product Description
Full Text Search
 

To Download P6SMBJ91CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Supressors
P6SMBJ Series
FEATURES
* For surface mounted applications in order to optimize
(R)
board space
* Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition Rate (duty cycle): 0.01% * Fast response time: typically less than 1.0ps from 0 Volts to
BV for unidirectional types
* Typical IR less than 1 mA above 10V * High Temperature soldering: 250C/10 seconds at terminals * Plastic packages has Underwriters Laboratory
Flammability 94V-O
MAXIMUM RATINGS @25C AMBIENT TEMPERATURE AND CHARACTERISTICS (unless otherwise noted)
PARAMETER Peak pulse power Dissipation on 10/1000s waveform (note 1,2, FIG.1) Peak pulse current of on 10\1000s waveform (note 1, FIG.3) Peak forward Surge Current, 8.3ms Single Half SIne Wave Superimposed on Rated Load, (JEDEC Method) (note 2.3) Operating junction and Storage Temperature Range SYMBOL PPPM VALUE Min 600 UNIT Watts
MECHANICAL CHARACTERISTICS
* Case:JEDEC DO214AA. Molded plastic over glass passivated
junction
* Terminal: Solder plated, solderable per MIL-STD-750
Method 2026
* Polarity. Color band denotes positive end(cathode) except
IPPM
SEE TABLE 1 Amps
Bidirectional
* Standard Packaging: 12mm tape(EIA STF RS-481) * Weight: 0.003 ounce, 0.093 gram
IPSM
100
Amps
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SMBJ5.0 thru types SMBJ110(e.g. SMBJ5.OC, SMBJ170CA) Electrical characteristics apply in both directions Agency Approvals: Recognized under the Components Program of Underwriters Laboratories. Agency File Number: E128662
Tj, TsTG
-55 to +150 -55 to +150
C
Note 1. Non-repetitive current pulse, per Fig.3 and derated above TA= 25C per Fig.2 Note 2. Mounted on 5.0mm2(0.03mm thick) Copper Pads to each terminal Note 3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle= 4 pulses per minute
ORDERING INFORMATION
CA
P6SMBJ
Voltage Bi-Directional 5% Voltage Tolerance
6
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Supressors
P6SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number (Uni) Part Number (Bi) Device Marking Code Reverse Stand off Voltage VR (Volts) 5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00 376.00 408.00 434.00 477.00 459.00 495.00 Breakdown Voltage VBR (Volts) @ IT MIN 6.45 7.13 7.79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17.10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37.10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77.90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237.00 285.00 332.00 380.00 418.00 456.00 485.00 503.50 513.00 522.50 MAX 7.14 7.88 8.61 9.55 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37.80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137.00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00 462.00 504.00 535.00 556.50 567.00 577.50 Test Current IT (mA) Maximum Clamping Voltage VC @ IPP (Volts) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.5 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 658.0 698.0 725.0 740.0 760.0 Maximum Peak Pulse Current IPP (A) 58.1 54.0 50.4 45.5 42.1 39.1 36.5 33.5 28.8 27.1 24.2 22.0 19.9 18.4 16.3 14.7 13.3 12.2 11.3 10.3 9.4 8.7 7.9 7.2 6.6 5.9 5.4 4.9 4.5 4.0 3.7 3.4 2.9 2.8 2.6 2.5 2.2 1.9 1.8 1.5 1.3 1.1 1.0 0.9 0.9 0.8 0.8 0.8 Maximum Reverse Leakage IR @ VR (A) 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(R)
UNI P6SMBJ 6.8A P6SMBJ 7.5A P6SMBJ 8.2A P6SMBJ 9.1A P6SMBJ 10A P6SMBJ 11A P6SMBJ 12A P6SMBJ 13A P6SMBJ 15A P6SMBJ 16A P6SMBJ 18A P6SMBJ 20A P6SMBJ 22A P6SMBJ 24A P6SMBJ 27A P6SMBJ 30A P6SMBJ 33A P6SMBJ 36A P6SMBJ 39A P6SMBJ43A P6SMBJ 47A P6SMBJ 51A P6SMBJ 56A P6SMBJ 62A P6SMBJ 68A P6SMBJ 75A P6SMBJ 82A P6SMBJ 91A P6SMBJ 100A P6SMBJ 110A P6SMBJ 120A P6SMBJ 130A P6SMBJ 150A P6SMBJ 160A P6SMBJ 170A P6SMBJ 180A P6SMBJ 200A P6SMBJ 220A P6SMBJ 250A P6SMBJ 300A P6SMBJ 350A P6SMBJ 400A P6SMBJ 440A P6SMBJ 480A P6SMBJ 510A P6SMBJ 530A P6SMBJ 540A P6SMBJ 550A P6SMBJ 6.8CA P6SMBJ 7.5CA P6SMBJ 8.2CA P6SMBJ 9.1CA P6SMBJ 10CA P6SMBJ 11CA P6SMBJ 12CA P6SMBJ13CA P6SMBJ 15CA P6SMBJ 16CA P6SMBJ 18CA P6SMBJ 20CA P6SMBJ 22CA P6SMBJ 24CA P6SMBJ 27CA P6SMBJ 30CA P6SMBJ 33CA P6SMBJ 36CA P6SMBJ 39CA P6SMBJ 43CA P6SMBJ 47CA P6SMBJ 51CA P6SMBJ 56CA P6SMBJ 62CA P6SMBJ 68CA P6SMBJ 75CA P6SMBJ 82CA P6SMBJ 91CA P6SMBJ 100CA P6SMBJ 110CA P6SMBJ 120CA P6SMBJ 130CA P6SMBJ 150CA P6SMBJ 160CA P6SMBJ 170CA P6SMBJ 180CA P6SMBJ 200CA P6SMBJ 220CA P6SMBJ 250CA P6SMBJ 300CA P6SMBJ 350CA P6SMBJ 400CA P6SMBJ 440CA P6SMBJ 480CA P6SMBJ 510CA P6SMBJ 530CA P6SMBJ 540CA P6SMBJ 550CA 6V8A 7V5A 8V2A 9V1A 10A 11A 12A 13A 15A 16A 18A 20A 22A 24A 27A 30A 33A 36A 39A 43A 47A 51A 56A 62A 68A 75A 82A 91A 100A 110A 120A 130A 150A 160A 170A 180A 200A 220A 250A 300A 350A 400A 440A 480A 510A 530A 540A 550A
BI 6V8C 7V5C 8V2C 9V1C 10C 11C 12C 13C 15C 16C 18C 20C 22C 24C 27C 30C 33C 36C 39C 43C 47C 51C 56C 62C 68C 75C 82C 91C 100C 110C 120C 130C 150C 160C 170C 180C 200C 220C 250C 300C 350C 400C 440C 480C 510C 530C 540C 550C
10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. The available parts are "A" type only, the parts without A (VBR is 10%) is not available.
w w w. l i t t e l f u s e . c o m
7
Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Supressors
P6SMBJ Series
Ratings and Characteristic Curves TA=25C unless otherwise noted
Fig. 1 Peak Pulse Power Rating
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
(R)
100
PPPM- Peak Pulse Power (KW)
100
Fig. 2 Pulse Derating Curve
75
10
50
1
0.2x0.2"(5.0x5.0mm) Copper Pad Areas
25
0.1 0.1s
0 0 25 50 75 100 125 150 175 200
TA- Ambient Temperature (C)
1.0s
10s
100s
1.0ms
10ms
td- Pulse Width (sec.)
Fig. 3 Pulse Waveform
150
IPPM- Peak Pulse Current, % I RSM tr=10sec Peak Value IPPM
Half Value IPPM 2
TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM
Fig. 4- Typical Junction Capacitance
6000
CJ-Junction Capacitance (pF)
Measured at Zero Bias
100
1000
50
100
10/1000sec. Waveform as defined by R.E.A
VR, Measured at Stand-Off Voltage, VWM TJ=25C f=1.0MHZ Vsig=50mVp-p
td
0 0
10 1.0 2.0 3.0 4.0 1.0
Uni-Directional Bi-Directional
10
100
200
VWM-Reverse Stand-Off Voltage (V)
Fig. 5- Typ. Transient Thermal Impedance
100
IPSM-Peak Forward Surge Current (A) Transient Thermal Impedance (C/W)
Fig. 6- Maximum Non-Repetitive Peak Forward Surge Current
200
8.3 Single Half Sine-Wave (JEDEC Method) Undirectional Only
100
10
1.0
0.1 0.001
0.01
0.1
1
10
100
1000
10 1
10
Number of Cycles at 60Hz
100
tp- Pulse Duration(sec)
8
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
600W Surface Mount Transient Voltage Supressors
P6SMBJ Series
Package Outline Dimensions and Pad Layout
(R)
DO-214AA (SMB J-Bend)
Cathode Band
2.16
2.74
2.16
0.086 (2.20) 0.077 (1.95)
0.155 (3.94) 0.130 (3.30)
2.26
Solder Pads
0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152)
All dimensions in mm
0.096 (2.44) 0.084 (2.13) 0.008 (0.203) MAX 0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
Dimensions in inches and (millimeters)
w w w. l i t t e l f u s e . c o m
9


▲Up To Search▲   

 
Price & Availability of P6SMBJ91CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X